coefficient 120 hz 300 hz 1 khz 10khz or more 0.67 0.79 0.91 1.00 frequency h 0.3 max. d0.5 b0.2 a 0.2 a 0.2 c0.2 0.5 max. e l1.0 pressure relief vent plastic platform a2 220a bc trade mark series voltage( a : 10v ) lot n0. h b 0.2 c 0.2 0.5max. plastic platform pressure relief vent d 0.5 0.3max. l1.0 aid electrode trade mark voltage series capacitance lot n0. nichicon 100 f bc 50v h1015 e a 0.2 a 0.2 capacitance aluminum electrolytic capacitors bc series chip type , high temperature range, vibration resistance highly dependable reliability withstanding load life of 1000 hours at +150 c. suited for automobile electronics where heavy duty services are indispensable. compliant to the rohs directive (2011/65/eu). dimensions u 1 b 2 c 3 1 4 a 5 2 6 2 7 1 8 package code m 9 capacitance tolerance ( 20% ) rated capacitance ( 220f) rated voltage ( 10v ) series name type configuration n 10 sgs 11 13 1412 1 size code d 8 to 18 code ns taping 8 to 10 gs taping 12.5 to 18 ms tr ay 12.5 to 18 zd (mm) a b c e h 12.5 4.8 13.6 13.6 4.0 1.0 to 1.4 10 3.2 10.3 10.3 4.5 1.1 to 1.5 8 2.9 8.3 8.3 3.1 1.1 to 1.5 16 5.4 17.1 17.1 6.3 1.0 to 1.4 18 6.4 19.1 19.1 6.3 1.0 to 1.4 d type numbering system (example : 10v 220 f) chip type taping specifications are given in page 23. recommended land size, soldering by reflow are given in page 18, 19. please refer to page 3 for the minimum order quantity. frequency coefficient of rated ripple current 33 47 100 220 330 470 680 1000 2200 3300 10 16 25 35 50 1a 1c 1e 1v 1h 330 470 101 221 331 471 681 102 222 332 8 10 10 10 12.5 13.5 12.5 13.5 18 21.5 18 21.5 8 10 10 10 12.5 13.5 12.5 13.5 16 16.5 18 21.5 8 10 10 10 12.5 13.5 12.5 13.5 16 16.5 16 21.5 8 10 10 10 12.5 13.5 12.5 13.5 16 16.5 16 21.5 18 21.5 8 10 10 10 12.5 13.5 16 16.5 16 21.5 16 21.5 18 21.5 110 150 800 900 1350 1400 110 150 750 800 850 1350 110 150 650 700 800 1000 80 120 550 650 750 950 1150 70 100 420 550 650 850 1100 v cap.( f) code rated ripple case size d l (mm) bc ue high temperature rated ripple current (marms) at 150 c 100khz item performance characteristics endurance tangent of loss angle (tan ) stability at low temperature 1 08644 the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 1000 hours at 150 c. 86444 for capacitance of more than 1000f, add 0.02 for every increase of 1000f. 8 ? 10 12.5 to 18 8 ? 10 12.5 to 18 rated voltage (v) 40 to +150 c ( 8 to 10), 55 to +150 c ( 12.5 to 18) 10 to 50v 33 to 3300 f 20% at 120hz, 20 c rated voltage (v) impedance ratio z 40 c / z+20 c (max.) after storing the capacitors under no load at 150 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the specified values for the endurance characteristics listed above. black print on the case top. after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or 4 (a), whichever is greater. tan (max.) 10 16 25 35 50 120hz 0.26 0.20 0.16 0.14 0.14 0.22 0.18 0.16 0.14 0.12 10 16 25 35 50 120hz 20 c category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current shelf life marking specifications ( 8 to 10) ( 12.5 to 18) within 30% of the initial capacitance value 300% or less than the initial specified value less than or equal to the initial specified value capacitance change leakage current tan cat.8100c
|